Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3288 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 8Page - STMicroelectronics AN3288 Datasheet HTML 9Page - STMicroelectronics AN3288 Datasheet HTML 10Page - STMicroelectronics AN3288 Datasheet HTML 11Page - STMicroelectronics AN3288 Datasheet HTML 12Page - STMicroelectronics AN3288 Datasheet HTML 13Page - STMicroelectronics AN3288 Datasheet HTML 14Page - STMicroelectronics AN3288 Datasheet HTML 15Page - STMicroelectronics AN3288 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Firmware design
AN3288
12/27
Doc ID 18011 Rev 2
if( Sample_Vector[k] > max ) max = Sample_Vector[k];
}
/* calculation of the moving average value */
mov_avg = ((subtotal - min - max)/8);
Figure 9 shows the representation of the acceleration in a straight track, and subsequent
deceleration during the braking phase. Obviously, these characteristics depend on the type
of vehicle used for modeling the system.
As shown, the noise corrupts the acceleration/deceleration signal captured by the
AIS326DQ and causes fluctuations from the original values; therefore the noise can be
removed by averaging several adjacent samples.
Figure 9.
Acceleration raw data and moving average filtered data
The filtering algorithm dramatically reduces the presence of noise, even though it slightly
reduces the amplitude of output signal; to overcome this drawback, the deceleration
thresholds defining the braking effort have been set opportunely.
Concerning latency, the filter introduces a delay in the order of some milliseconds; this delay
affects the sampling rate of the entire system even if it is not so critical for the feasibility of
the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com