Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3288 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 19Page - STMicroelectronics AN3288 Datasheet HTML 20Page - STMicroelectronics AN3288 Datasheet HTML 21Page - STMicroelectronics AN3288 Datasheet HTML 22Page - STMicroelectronics AN3288 Datasheet HTML 23Page - STMicroelectronics AN3288 Datasheet HTML 24Page - STMicroelectronics AN3288 Datasheet HTML 25Page - STMicroelectronics AN3288 Datasheet HTML 26Page - STMicroelectronics AN3288 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Table 1.
BOM
Category
Ref.
design
Part / value
Package
Manuf.
Manufacturer’s
ordering code /
orderable part
number
Suppl.
Supplier’s
ordering code
ST devices
U5
STM8AF5168
LQFP 48
7x7x1.4 1
STMicroelectronics STM8AF5168TCSSSX
STMicroelectronics
U4
AIS326DQ
QFPN 7x7x1.9
28 PITCH 0.8
STMicroelectronics
AIS326DQ
STMicroelectronics
U1,U2
A5970AD
SO8
STMicroelectronics
A5970AD
STMicroelectronics
U3
LF33CDT-TR
DPAK
STMicroelectronics
LF33CDT-TR
STMicroelectronics
Q1,Q2
2STR2160
SOT23
STMicroelectronics
2STR2160
STMicroelectronics
D1,D5
ASTPS1L40A
SMA
STMicroelectronics
STPS1L40A
STMicroelectronics
D9
SMTY12A
SMA
STMicroelectronics
SMTY12A
STMicroelectronics
Capacitors
C1,C6
22 µF 20 V
SMD 0805
AVX
6032-28
RS
464-7928
C2,C7
220 pF 25 V
SMD 0805
Any
C3,C4,C8, C9
22 nF 25 V
SMD 0805
Any
C5,C10
4.7 nF 25 V
SMD 0805
Any
Capacitors
C12
10 µF 6.3 V
SMD 0805
AVX
TAJR106K006R
RS
405-9517
C14
10 µF 6.3 V
SMD 0805
AVX
TAJR106K006R
RS
405-9517
C11,C13,C16,
C17, C18,C20
100 nF 25 V
SMD 0805
Any
C19
1 µF 6.3 V
SMD 0603
AVX
TACL105M006R
RS
405-7779
C21
470 nF 25 V
SMD 0805
Any
LEDs
D10
Red LED
SMD 1206
Avago
HSMH-C150
RS
490-1569
D11
Blue LED
SMD 1206
Avago
HSMH-C150
RS
486-0452
D3,D4, D5,D8,
D9,D10
ASMT-AR00-
AQR00D
Avago
ASMT-AR00-AQR00D
Avago



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com