Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology LTC486 Datasheet HTML 9Page - Linear Technology LTC486 Datasheet HTML 10Page - Linear Technology LTC486 Datasheet HTML 11Page - Linear Technology LTC486 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC486
8
486fc
Typical Application
A typical connection of the LTC486 is shown in Figure 6.
A twisted pair of wires connect up to 32 drivers and
receivers for half duplex data transmission. There are no
restrictions on where the chips are connected to the wires,
and it isn’t necessary to have the chips connected at the
ends. However, the wires must be terminated only at the
endswitharesistorequaltotheircharacteristicimpedance,
typically 120Ω. The optional shields around the twisted
pair help reduce unwanted noise, and are connected to
GND at one end.
Thermal Shutdown
TheLTC486hasathermalshutdownfeaturewhichprotects
the part from excessive power dissipation. If the outputs
of the driver are accidently shorted to a power supply or
low impedance source, up to 250mA can flow through
the part. The thermal shutdown circuit disables the driver
outputs when the internal temperature reaches 150°C and
turns them back on when the temperature cools to 130°C.
If the outputs of two or more LTC486 drivers are shorted
directly, the driver outputs cannot supply enough current
to activate the thermal shutdown. Thus, the thermal shut-
down circuit will not prevent contention faults when two
drivers are active on the bus at the same time.
Cable and Data Rate
The transmission line of choice for RS485 applications is
a twisted pair. There are coaxial cables (twinaxial) made
for this purpose that contain straight pairs, but these are
less flexible, more bulky, and more costly than twisted
pairs. Many cable manufacturers offer a broad range of
120Ω cables designed for RS485 applications.
Lossesinatransmissionlineareacomplexcombinationof
DCconductorloss,AClosses(skineffect),leakage,andAC
losses in the dielectric. In good polyethylene cables such
as the Belden 9841, the conductor losses and dielectric
losses are of the same order of magnitude, with relatively
low overall loss (Figure 7).
APPLICATIONS INFORMATION
Figure 7. Attenuation vs Frequency for Belden 9841
Figure 6. Typical Connection
EN
12
EN
4
486 F06
120
DX
1
2
3
SHIELD
120
RX
RX
SHIELD
3
DX
EN
12
EN
4
2
EN
EN
4
1
2
3
RX
RX
3
DX
EN
12
EN
4
1
DX
1/4 LTC488
1/4 LTC486
1/4 LTC488
1/4 LTC486
2
1
12
FREQUENCY (MHz)
0.1
0.1
1
10
1
10
100
486 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com