Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 5 Page - Linear Technology

  LTC486 Datasheet HTML 1Page - Linear Technology LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology LTC486 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC486
5
486fc
TYPICAL PERFORMANCE CHARACTERISTICS
TTL Input Threshold
vs Temperature
Driver Skew vs Temperature
Supply Current vs Temperature
Driver Differential Output Voltage
vs Temperature RO = 54Ω
Driver Output High Voltage
vs Output Current TA = 25°C
Driver Differential Output Voltage
vs Output Current TA = 25°C
Driver Output Low Voltage
vs Output Current TA = 25°C
OUTPUT VOLTAGE (V)
0
0
–24
–48
–72
–96
1
2
3
4
486 G01
OUTPUT VOLTAGE (V)
0
0
16
32
48
64
1
2
3
4
486 G02
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
1
2
3
4
486 G03
TEMPERATURE (°C )
–50
1.55
1.57
1.59
1.61
1.63
0
50
100
486 G04
TEMPERATURE (°C )
–50
1
2
3
4
5
0
50
100
486 G05
TEMPERATURE (°C )
–50
90
100
110
120
130
0
50
100
486 G06
TEMPERATURE (°C )
–50
1.5
1.7
1.9
2.1
2.3
0
50
100
486 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com