Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology LTC486 Datasheet HTML 9Page - Linear Technology LTC486 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC486
6
486fc
PIN FUNCTIONS
DI1 (Pin 1): Driver 1 Input. If Driver 1 is enabled, then a
low on DI1 forces the driver outputs DO1A low and DO1B
high. A high on DI1 with the driver outputs enabled will
force DO1A high and DO1B low.
DO1A (Pin 2): Driver 1 Output.
DO1B (Pin 3): Driver 1 Output.
EN (Pin 4): Driver Outputs Enabled. See Function Table
fordetails.
DO2B (Pin 5): Driver 2 Output.
DO2A (Pin 6): Driver 2 Output.
DI2 (Pin 7): Driver 2 Input. Refer to DI1
GND (Pin 8): Ground Connection.
DI3 (Pin 9): Driver 3 Input. Refer to DI1.
DO3A (Pin 10): Driver 3 Output.
DO3B (Pin 11): Driver 3 Output.
EN (Pin 12): Driver Outputs Disabled. See Function Table
for details.
DO4B (Pin 13): Driver 4 Output.
DO4A (Pin 14): Driver 4 Output.
DI4 (Pin 15): Driver 4 Input. Refer to DI1.
VCC (Pin 16): Positive Supply; 4.75V < VCC < 5.25V
FUNCTION TABLE
INPUT
ENABLES
OUTPUTS
DI
EN
EN
OUTA
OUTB
H
L
H
L
X
H
H
X
X
L
X
X
L
L
H
H
L
H
L
Z
L
H
L
H
Z
H: High Level
L: Low Level
X: Irrelevant
Z: High Impedance (Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com