Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 3 Page - Linear Technology

  LTC486 Datasheet HTML 1Page - Linear Technology LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology LTC486 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC486
3
486fc
DC ELECTRICAL CHARACTERISTICS
VCC = 5V ±5%, 0°C ≤ Temperature ≤ 70°C (Commercial), –40°C ≤ Temperature ≤ 85°C (Industrial) (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IOUT = 0
5
V
VOD2
Differential Driver Output Voltage (With Load)
R = 50Ω; (RS422)
2
V
R = 27Ω; (RS485) (Figure 1)
1.5
5
V
VOD
Change in Magnitude of Driver Differential
Output Voltage for Complementary Output States
R = 27Ω or R = 50Ω
(Figure 1)
0.2
V
VOC
Driver Common-Mode Output Voltage
3
V
|VOC|
Change in Magnitude of Driver Common-Mode
Output Voltage for Complementary Output States
0.2
V
VIH
Input High Voltage
DI, EN, EN
2.0
V
VIL
Input Low Voltage
0.8
V
IIN1
Input Current
±2
µA
ICC
Supply Current
No Load
Output Enabled
Output Disabled
110
110
200
200
µA
µA
IOSD1
Driver Short-Circuit Current, VOUT = High
VOUT = –7V
100
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = Low
VOUT = 12V
100
250
mA
IOZ
High Impedance State Output Current
VOUT = –7V to 12V
±10
±200
µA
SWITCHING CHARACTERISTICS
VCC = 5V ±5%, 0°C ≤ Temperature ≤ 70°C (Commercial), –40°C ≤ Temperature ≤ 85°C (Industrial) (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
(Figures 2, 4)
10
30
50
ns
tPHL
Driver Input to Output
10
30
50
ns
tSKEW
Driver Output to Output
5
15
ns
tr, tf
Driver Rise or Fall Time
5
15
25
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 3, 5) S2 Closed
35
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 3, 5) S1 Closed
35
70
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 3, 5) S1 Closed
35
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 3, 5) S2 Closed
35
70
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and temperature = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com