Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology LTC486 Datasheet HTML 9Page - Linear Technology LTC486 Datasheet HTML 10Page - Linear Technology LTC486 Datasheet HTML 11Page - Linear Technology LTC486 Datasheet HTML 12Page - Linear Technology LTC486 Datasheet HTML 13Page - Linear Technology LTC486 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC486
14
486fc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 1994
LT 1112 REV C • PRINTED IN USA
TYPICAL APPLICATION
RS232 to RS485 Level Translator with Hysteresis
486 TA14
120
DRIVER
Y
Z
R = 220k
10k
RS232 IN
5.6k
HYSTERESIS = 10k
×
≈
|VY - VZ|
————
R
19k
——
R
1/4 LTC486
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
RS485 Quad Drivers
LTC487
Low Power RS485 Quad Drivers
10Mbps, ±4kV ESD, Two DE Pins, SO(W)-16 or DIP-16 Package
LTC1688/LTC1689
High Speed RS485 Quad Drivers
100Mbps, ±4kV ESD, One-Half DE Pins, SO-16 Package
RS485 Quad Receivers
LTC1518/LTC1519
High Speed RS485 Quad Receivers
52Mbps, ±4kV ESD, SO-16 Package
LTC1520
Precision RS485 Quad Receivers
50Mbps, 18ns Propagation Delay, SO-16 Package
LTC488/LTC489
Low Power RS485 Quad Receivers
10Mbps, ±10kV ESD, One-Half DE Pins, SO(W)-16 or DIP-16 Package
Fault Protected 3V to 5.5V RS485 Transceivers
LTC2862
±60V Fault Protected RS485 Transceiver Half Duplex, 20Mbps or 250kbps, ±25kV Common Mode Range, ±15kV, Enable Pins,
SO-8 or 3mm × 3mm DFN-8 Package
LTC2863
±60V Fault Protected RS485 Transceiver Full Duplex, 20Mbps or 250kbps, ±25kV Common Mode Range, ±15kV,
SO-8 or 3mm × 3mm DFN-8 Package
LTC2864
±60V Fault Protected RS485 Transceiver Full Duplex, 20Mbps or 250kbps, ±25kV Common Mode Range, ±15kV, Enable Pins,
SO-14 or 3mm × 3mm DFN-10 Package
LTC2865
±60V Fault Protected RS485 Transceiver Full Duplex, Selectable 20Mbps or 250kbps, ±25kV Common Mode Range, ±15kV,
Enable Pins, Logic Supply, MSOP-12 or 4mm × 3mm DFN-12
Isolated RS485 Transceivers
LTM2881
Complete Isolated RS485 µModule®
Transceiver + Power
±2500VRMS Isolation, 3.3V or 5V Supply, No External Components, 1W DC/DC Converter,
Switchable Termination, 20Mbps, 30kV/µs Common Mode, ±15kV ESD, 15mm × 11.25mm
LGA or BGA Package
LTC1535
Isolated RS485 Transceiver
5V Supply, 250kbps, ±8kV ESD, SO(W)-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com