Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3971 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3971
Description  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3971 Datasheet HTML 7Page - STMicroelectronics AN3971 Datasheet HTML 8Page - STMicroelectronics AN3971 Datasheet HTML 9Page - STMicroelectronics AN3971 Datasheet HTML 10Page - STMicroelectronics AN3971 Datasheet HTML 11Page - STMicroelectronics AN3971 Datasheet HTML 12Page - STMicroelectronics AN3971 Datasheet HTML 13Page - STMicroelectronics AN3971 Datasheet HTML 14Page - STMicroelectronics AN3971 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN3971
Charging a lead acid battery
Doc ID 022119 Rev 2
11/28
So, to respect all the constraints mentioned above, the charging strategy used is a multi-
voltage battery charging profile with:
●
Constant current to perform a bulk charge, when the battery is charged using a current
regulation to I_batt_max, up to 70% SOC, in about 4 hours, and the battery voltage
slowly increases up to the nominal value (equal to 2 V per cell)
●
Constant voltage to perform a floating charge, when the battery is charged using a
voltage regulation to V_batt_max, up to the remaining 30% SOC, with a slow current
decrease down to C/10 or C/100 values. This stage lasts 6 hours and is essential for
the battery lifetime
●
Constant current to perform a trickle charge, which compensates the self-discharge of
the battery, even after it has been fully charged. Normally the charging current is less
than C/100, and even if the battery is not completely saturated, the SLA can eventually
lose its ability to accept a full charge and its performance is reduced.
3.1
Constant current – constant voltage control
In order to properly control the lead acid charging profile in terms of max. current during the
bulk charge, and the max. voltage during the floating charge, the SEA05 IC has been used.
The lead acid battery chemistry and physics behavior affect the charging strategy itself.
This occurs particularly during the last two steps of the lead acid charging profile:
●
During the floating charge, the sink current decreases slowly because of the battery
features keeping a constant voltage charge at the maximum value
●
During the trickle charge (which is normally necessary just after the natural battery
discharging), in order to keep the battery at a maximum SOC. In this case, no control
acts, just to allow the energy flow directly from the panel towards the battery, without
any constraints or voltage/current limitation.
3.2
SEA05 features
The SEA05 is a highly integrated solution for SMPS applications requiring a dual control
loop to perform CV (constant voltage) and CC (constant current) regulation, implemented by
two operational amplifiers, and a low-side current sensing circuit.
Figure 10.
SEA05 internal architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com