Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3971 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3971
Description  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3971 Datasheet HTML 10Page - STMicroelectronics AN3971 Datasheet HTML 11Page - STMicroelectronics AN3971 Datasheet HTML 12Page - STMicroelectronics AN3971 Datasheet HTML 13Page - STMicroelectronics AN3971 Datasheet HTML 14Page - STMicroelectronics AN3971 Datasheet HTML 15Page - STMicroelectronics AN3971 Datasheet HTML 16Page - STMicroelectronics AN3971 Datasheet HTML 17Page - STMicroelectronics AN3971 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
External component selection
AN3971
14/28
Doc ID 022119 Rev 2
4.1
Output current regulation
Output current regulation is implemented by the SEA05 current control loop.
The voltage threshold related to the current control is equal to 50 mV.
So to perform a current regulation, Rsense must be selected by the following equation:
For example, with Iomax = 1 A, Vcsth = 50 mV, then Rsense = 50 mΩ.
Note that the Rsense resistor should be chosen taking into account the maximum power
dissipation (Plim) through it during full load operation.
4.2
Battery voltage control
The voltage loop is controlled via a voltage divider R7, R8 directly inserted on the SPV1020
output voltage.
It is possible to choose their values using the following equations:
and
where VO is the desired output voltage = V_batt_max.
In the case of V_batt_max = 28.8 V, with Vctrl internally fixed by the SEA05 to 2.5 V, the
values must be:
R7 = 2.7 M
Ω ; R8 = 255 kΩ.
R
sense
I
omax
⋅
V
csth
=
R
sense
V
csth
I
omax
--------------
=
P
lim
V
csth
I
omax
⋅
=
V
O
V
csth
R
1
R
2
+
()
R
2
-------------------------
⋅
=
R
1
R
2
V
O
V
ctrl
+
()
V
ctrl
------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com