Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3971 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3971
Description  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3971 Datasheet HTML 9Page - STMicroelectronics AN3971 Datasheet HTML 10Page - STMicroelectronics AN3971 Datasheet HTML 11Page - STMicroelectronics AN3971 Datasheet HTML 12Page - STMicroelectronics AN3971 Datasheet HTML 13Page - STMicroelectronics AN3971 Datasheet HTML 14Page - STMicroelectronics AN3971 Datasheet HTML 15Page - STMicroelectronics AN3971 Datasheet HTML 16Page - STMicroelectronics AN3971 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN3971
External component selection
Doc ID 022119 Rev 2
13/28
4
External component selection
The STEVAL-ISV005V2 is based on two ST key devices: the SPV1020 and SEA05.
In order to perform properly, both the SPV1020 and SEA05 require different application
components whose selection depends on the electrical characteristics of the PV panel and
of the battery.
The electrical characteristics of the PV panel limit the selection of the application
components of the SPV1020. Please refer to the SPV1020 datasheet.
In order to properly define the application components for the SEA05, the user should
simply define the following parameters:
●
Output resistor partitioning (R7/R8) according to the SEA05 internal voltage control
threshold, to control the maximum overvoltage battery protection
●
Sensing resistor (Rsns: R9 and/or R10) in the PV-loop, to control the maximum
overcurrent battery protection, according to the internal current threshold
●
The PV panel must be selected in order to guarantee the SPV1020 functionality; and
so, in order to respect the SPV1020 step-up conditions, the Voc of the PV panel must
be lower than Vbat_min (voltage when the battery is deeply discharged).
The STEVAL-ISV005V2 application example has been developed for the following features:
SLA battery: Vbatt_nom = 24 V & C = 4 Ah
PV panel: Vmp = 18 V & Voc = 20 V, Imp = 1.6 A & Isc = 2 A
So the SEA05 IC must limit at the following voltage and current:
Vbatt_max = (24 * 1.2) V = 28.8 V
Ibatt_max = (4/4) A = 1 A
Figure 12.
System architecture SPV1020 + SEA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com