Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3971 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3971
Description  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3971 Datasheet HTML 8Page - STMicroelectronics AN3971 Datasheet HTML 9Page - STMicroelectronics AN3971 Datasheet HTML 10Page - STMicroelectronics AN3971 Datasheet HTML 11Page - STMicroelectronics AN3971 Datasheet HTML 12Page - STMicroelectronics AN3971 Datasheet HTML 13Page - STMicroelectronics AN3971 Datasheet HTML 14Page - STMicroelectronics AN3971 Datasheet HTML 15Page - STMicroelectronics AN3971 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Charging a lead acid battery
AN3971
12/28
Doc ID 022119 Rev 2
The voltage reference, along with one op amp, is the core of the voltage control loop; the
current sensing circuit and the other op amp make up the current control loop.
The external components needed to complete the two control loops are:
●
A resistor divider that senses the output of the power supply and fixes the voltage
regulation set-point at the specified value
●
A sense resistor that feeds the current sensing circuit with a voltage proportional to the
DC output current, setting the current regulation set-point (it must be adequately rated
in terms of power dissipation)
●
The frequency compensation components (R-C networks) for both loops.
Please refer to the SEA05 datasheet for further details.
3.3
Interaction between the SPV1020 and SEA05
The SPV1020 usually sets the duty cycle according to the MPPT algorithm except when
even one of the protection or regulation thresholds is triggered.
Regarding overvoltage regulation, if the voltage on the Vout_sns pin triggers 1 V, the output
voltage feedback loop enters regulation, implying an upper limit to the duty cycle computed
by the MPPT. The higher the voltage on the Vout_sns pin, the lower the upper limit on the
duty cycle. The output voltage regulation acts in the range 1 V = Vout_sns
< 1.04 V. If the 1.04 V threshold is triggered then the overvoltage protection forces the burst
mode.
The stability of the regulation loop can be externally regulated by connecting a resistor and a
capacitor (pole-zero compensation) between the PZ_OUT pin and SGND pin.
The PZ_OUT pin may have two different roles:
●
To perform compensation loop to control the Vout_sns behavior
●
To force an imposed duty cycle proportional to its voltage on the pin.
Figure 11.
Internal duty cycle reference
The final duty cycle results from the minimum value between the one due to MPPT
algorithm, and the second one imposed by the PZ_OUT external voltage.
The SEA05 provides two independent internal thresholds designed to separately control
battery voltage and current control.
If one of the two thresholds is triggered, the common output is proportionally forced low, and
the internal duty cycle imposed is proportional too.
Therefore, the output behavior of the SEA05 is perfectly compatible with the PZ_OUT pin of
the SPV1020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com