Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3971 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3971
Description  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3971 Datasheet HTML 13Page - STMicroelectronics AN3971 Datasheet HTML 14Page - STMicroelectronics AN3971 Datasheet HTML 15Page - STMicroelectronics AN3971 Datasheet HTML 16Page - STMicroelectronics AN3971 Datasheet HTML 17Page - STMicroelectronics AN3971 Datasheet HTML 18Page - STMicroelectronics AN3971 Datasheet HTML 19Page - STMicroelectronics AN3971 Datasheet HTML 20Page - STMicroelectronics AN3971 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
6
Bill of materials
Table 1.
Bill of materials
Item
Quantity Reference
Part
/value
Voltage
current
Watt
(mW)
Tecnology
information
Package
Manufacturer
Manufacturer code
More Info
SPV1020 section
1
1
J35
PSS036
ST
SPV1020
STM SUPPLY
24
C1, C2,
C3,C4
100nF
16V
50V
X7R
0603
Murata
GRM188R71C104KA01D
Bootstrap
capacitors
TDK
C1608X7R1H104K X7R
6
1
C7
470nF
25V
X7R
0603
Murata
GRM188R71E474KA12D
Internal reference
voltage capacitor
EPCOS
C1608X7R1C474K
7
1
C8
22nF
25V
X7R
0603
Murata
GRM188R71C223KA01
Compensation
capacitor
EPCOS
C1608X7R1H223K
8
2
C9, C10
220pF
50V
X7R
0603
Murata
GRM188R71E221KA01
Voltage sensing
capacitor
EPCOS
C1608C0G1H221J
10
1
C11
1µF
50V
X7R
1206
Murata
GRM31MR71H105KA88
Input capacitor
EPCOS
C3216X7R1H105K
11
7
C5, C6,
C12, C13,
C14, C15,
C16
4.7µF
50V
X7R
1210
Murata
GRM32ER71H475KA88L
Output capacitor
EPCOS
C3225X7R1H475K
18
2
D1, D2
Diode
15A, 60V
MLPD5x6
STM
SPV1001N40
Bypass diodes
20
1
D3
Diode
1A, 60V
SMB
STM
STPS160U
Noise filter on
supply pin
21
2
D4, D5
Transil
™
40V
SMB
STM
SMBJ36CA-TR
600W, 40V
unidirectional
protection Transil™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com