Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4050 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4050
Description  The STEVAL-ISV012V1 is a demonstration board that mounts
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4050 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4050 Datasheet HTML 2Page - STMicroelectronics AN4050 Datasheet HTML 3Page - STMicroelectronics AN4050 Datasheet HTML 4Page - STMicroelectronics AN4050 Datasheet HTML 5Page - STMicroelectronics AN4050 Datasheet HTML 6Page - STMicroelectronics AN4050 Datasheet HTML 7Page - STMicroelectronics AN4050 Datasheet HTML 8Page - STMicroelectronics AN4050 Datasheet HTML 9Page - STMicroelectronics AN4050 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
L6924D operation description
AN4050
6/19
DocID022816 Rev 2
2
L6924D operation description
The L6924D is a fully monolithic battery charger dedicated to single-cell Li-Ion/polymer
battery packs. It is designed with BCD6 technology and integrates all of the power elements
(the Power MOSFET, reverse blocking diode and the sense resistor) in a small VFQFPN16
3 mm x 3 mm package.
It normally works as a linear charger when powered from an external voltage regulated
adapter. However, thanks to its very low minimum input voltage (down to 2.5 V) the L6924D
can also work as a quasi-pulse charger when powered from a current limited adapter,
dramatically reducing the power dissipation.
The L6924D charges the battery in three phases:
•
Pre-charge constant current: a deeply discharged battery is charged with a low current.
•
Fast-charge constant current: the device charges the battery with the maximum
current.
•
Constant voltage: when the battery voltage is close to the selected output voltage, the
device starts to reduce the current, until the charge termination is completed.
Regardless of the charging approach, a closed loop thermal control avoids device
overheating. The L6924D allows the user to program many parameters, such as pre-charge
current, fast-charge current, pre-charge voltage threshold, end-of-charge current threshold,
and charge timer. The L6924D offers two open collector outputs for diagnostic purposes,
which can be used to either drive two external LEDs or communicate with a host
microcontroller. Finally, the L6924D also provides other battery related functions, such as
checking for battery presence, monitoring, and protection from unsafe thermal conditions.
Figure 6. Basic application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com