Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4050
Description  The STEVAL-ISV012V1 is a demonstration board that mounts
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4050 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4050 Datasheet HTML 1Page - STMicroelectronics AN4050 Datasheet HTML 2Page - STMicroelectronics AN4050 Datasheet HTML 3Page - STMicroelectronics AN4050 Datasheet HTML 4Page - STMicroelectronics AN4050 Datasheet HTML 5Page - STMicroelectronics AN4050 Datasheet HTML 6Page - STMicroelectronics AN4050 Datasheet HTML 7Page - STMicroelectronics AN4050 Datasheet HTML 8Page - STMicroelectronics AN4050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
March 2013
DocID022816 Rev 2
1/19
AN4050
Application note
STEVAL-ISV012V1: lithium-ion solar battery charger
By Domenico Ragonese, Alessandro Nicosia and Giovanni Conti
Introduction
The STEVAL-ISV012V1 is a demonstration board that mounts the SPV1040 (solar energy
harvester) as the input stage and the L6924D (Li-Ion battery charger) as the output stage. It
targets any portable application powered by lithium-ion batteries and merges the capability
of the SPV1040 to maximize the power extraction from the solar module with the linear
regulation of the L6924D, to optimize the battery charge and to protect the load while
reducing the power dissipation at the bottom. It is shown in
Figure 1.
Figure 1. STEVAL-ISV012V1 demonstration board
The board has been designed to charge lithium-ion and lithium-polymer batteries with
VBATT_max = 4.1 or 4.2 V and it includes a 400 mW
pk
polycrystalline PV panel
(SZGD6060-4P from NBSZGD) with V
oc
= 2.2 V and I
sc
= 220 mA.
According to specific application requirements, some components may be replaced as per
the following guidelines:
•
The PV panel can be replaced by a different one as long as V
oc
< VBATT_max and I
sc
< 1.65 A.
•
The inductor L1 can be replaced by considering that it affects the maximum peak
current and that an input overcurrent limit must not be triggered.
•
The maximum output current can be limited by replacing the current sensing resistor
Rs (0
Ω by default).
•
The resistor R14, which limits the charge current threshold, by default is set to 500 mA.
For further details on component selection, please refer to the section “external component
selection” of the AN3319 application note. For details about SPV1040 and L6924D features
please refer to the related datasheets.
www.st.com


Similar Part No. - AN4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4054 STMICROELECTRONICS-AN4054 Datasheet
121Kb / 13P
This application note highlights the key differences
23-Nov-2012
AN4057 STMICROELECTRONICS-AN4057 Datasheet
132Kb / 13P
This application note is addressed to system hardware designers using
13-Sep-2013
More results

Similar Description - AN4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
The STEVAL-ISV015V1 is a demonstration board mounting
21-Mar-2013
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com