Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4050 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4050
Description  The STEVAL-ISV012V1 is a demonstration board that mounts
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4050 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4050 Datasheet HTML 3Page - STMicroelectronics AN4050 Datasheet HTML 4Page - STMicroelectronics AN4050 Datasheet HTML 5Page - STMicroelectronics AN4050 Datasheet HTML 6Page - STMicroelectronics AN4050 Datasheet HTML 7Page - STMicroelectronics AN4050 Datasheet HTML 8Page - STMicroelectronics AN4050 Datasheet HTML 9Page - STMicroelectronics AN4050 Datasheet HTML 10Page - STMicroelectronics AN4050 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID022816 Rev 2
7/19
AN4050
L6924D operation in solar powered applications
3
L6924D operation in solar powered applications
Thanks to its very low minimum input voltage (down to 2.5 V), the L6924D can also work as
a quasi-pulse charger when powered from a current limited adapter such as a PV panel or a
current limit device such as the SPV1040 step-up.
To work in this condition, it is enough to set the device's charging current (by R14) higher
than the maximum peak current of the PV panel. During the fast-charge phase, the output
voltage of the SPV1040 that supplies the L6924D goes down to the battery voltage plus the
voltage drop across the power MOSFET of the charger.
In this mode, the L6924D charges the battery with the same three phases as in linear mode,
but the power dissipation is greatly reduced, as shown in
Figure 7.
Figure 7. Typical charge curve in Quasi-pulse mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com