Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4050 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4050
Description  The STEVAL-ISV012V1 is a demonstration board that mounts
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4050 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4050 Datasheet HTML 7Page - STMicroelectronics AN4050 Datasheet HTML 8Page - STMicroelectronics AN4050 Datasheet HTML 9Page - STMicroelectronics AN4050 Datasheet HTML 10Page - STMicroelectronics AN4050 Datasheet HTML 11Page - STMicroelectronics AN4050 Datasheet HTML 12Page - STMicroelectronics AN4050 Datasheet HTML 13Page - STMicroelectronics AN4050 Datasheet HTML 14Page - STMicroelectronics AN4050 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID022816 Rev 2
11/19
AN4050
Reference design description
4
Reference design description
The set-up environment used for the measurement campaign is shown below.
Figure 12. Application set-up
A solar array simulator (SAS, SAS-FL05/01 from CBL Electronics) to simulate the PV
module with Voc = 2.5 V, Isc = 210 mA, Vmp = 2.0 V, Imp = 200 mA (@ 1000 W/m
2
irradiance) and a Li-Ion battery 3.7 V-700 mAh, are used.
Figure 13 shows the I-V and P-V
curves generated by the SAS, obtained using a PV module analyzer (ISM490 from ISO-
TECH):
Figure 13. V-I and P-V plot diagrams
Figure 14 and 15 show the partial and full charge curves respectively. The “partial charge”
curve shows charge current and voltage within a one hour time frame at full irradiation
starting from 3.4 V condition. The “full charge” curve shows charge current and voltage until
the fully charged status is triggered, starting from a 3.4 V condition. After the one hour
charge period time, the battery voltage reaches 3.8 V.
Different results can be obtained if a different PV panel and/or battery are used. If any help
is required regarding the use of different PV panels and/or batteries, please go to the
support area at www.st.com.
The average overall power efficiency is ~85% (94% for SPV1040 and 90% for L6924D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com