Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4050 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4050
Description  The STEVAL-ISV012V1 is a demonstration board that mounts
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4050 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4050 Datasheet HTML 1Page - STMicroelectronics AN4050 Datasheet HTML 2Page - STMicroelectronics AN4050 Datasheet HTML 3Page - STMicroelectronics AN4050 Datasheet HTML 4Page - STMicroelectronics AN4050 Datasheet HTML 5Page - STMicroelectronics AN4050 Datasheet HTML 6Page - STMicroelectronics AN4050 Datasheet HTML 7Page - STMicroelectronics AN4050 Datasheet HTML 8Page - STMicroelectronics AN4050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SPV1040 operation description
AN4050
4/19
DocID022816 Rev 2
1
SPV1040 operation description
The SPV1040 is a high efficiency, low power and low voltage DC-DC converter that provides
a single output voltage up to 5.2 V. If combined with the L6924D, it provides the ideal
solution for charging lithium battery packs by harvesting energy from a very small solar
panel.
The SPV1040 is a 100 kHz fixed frequency PWM step-up converter able to maximize the
energy harvested by few solar cells. thanks to the embedded MPPT algorithm which
maximizes the power generated from the panel by continuously tracking its output voltage
and current. The converter guarantees the safety of the overall application and its own by
stopping the PWM switching in case of an overvoltage, overcurrent or overtemperature
condition. The IC integrates a 120 m
Ω N-channel MOSFET power switch and a 140 mΩ P-
channel MOSFET synchronous rectifier.
Figure 2. Typical application circuit
The SPV1040 acts as an impedance adapter between the PV module and the output load.
In fact, the equivalent circuit can be seen below:
Figure 3. SPV1040 equivalent circuit
The MPPT algorithm properly sets up the DC working point by guaranteeing Z
in
= Z
m
(assuming Z
m
is the impedance of the supply source). In this way, the power extracted from
the supply source (P
in
= V
in
* I
in
) is maximum (P
m
= V
m
* I
m
).
The voltage-current curve shows all the available working points of the PV panel at a given
solar irradiation. The voltage-power curve is derived from the voltage-current curve by
AM11733v1
Lx
R
S
L
V
BATT
XSHUT
GND
MPP SET
V
PV
R
1
R
3
C
OUT
R
F1
R
F2
C
F
MPP
- SET
R
2
C
INsns
C
OUTsns
C
IN
D
OUT
I
CTRL_MINUS
I
CTRL_PLUS
V
CTRL
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com