Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4144 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 3Page - STMicroelectronics AN4144 Datasheet HTML 4Page - STMicroelectronics AN4144 Datasheet HTML 5Page - STMicroelectronics AN4144 Datasheet HTML 6Page - STMicroelectronics AN4144 Datasheet HTML 7Page - STMicroelectronics AN4144 Datasheet HTML 8Page - STMicroelectronics AN4144 Datasheet HTML 9Page - STMicroelectronics AN4144 Datasheet HTML 10Page - STMicroelectronics AN4144 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID023491 Rev 3
7/28
AN4144
Voltage mode driving
28
Equation 2
Equation 3
Equation 4
Starting from Equation 2, it is possible to obtain the voltage amplitude which, when applied
to the motor phase, makes the amplitude of phase current constant. The basic principle of
Voltage mode control is based on this relationship. The resulting formula (Equation 5)
shows how the voltage amplitude is a complex function of phase current, motor parameters
and other factors.
Equation 5
Resolving this equation, to obtain the phase voltage to be applied for various speeds, is very
complex and computationally onerous. In addition, the phase relationship between the
current and the BEMF phasors (
) is difficult to measure or evaluate for a specific
application.
The STMicroelectronics control method, starting from this complex model, implements an
effective driving strategy that overcomes these issues with the classic current mode control
method in most microstepping applications.
1.2
Back EMF compensation algorithm
In order to devise a simple but effective compensation method, consider the formulas in
Equation 6. In this manner, the dependence on the load angle (
) can be removed,
obtaining a formula which allows the evaluation of the VPH voltage that is able to produce
a constant IPH current independent of the motor speed (or its equivalent fel).
Equation 6
Using this formula, a compensation algorithm that gives the phase voltage amplitude (VPH)
for a target phase current (IPH) and motor speed (fel) is defined.
IPH fel

VPH fel
 BEMF f
el

+
Rm i2fel Lm
+
---------------------------------------------------------
=
2
---
–
=
Tq
Kt IPH

cos
Kt IPH
2
---
–


cos

=

=
Kt Nm/A

Ke V/Hz

=
VPH
2
Rm
2
2
f
el

2 L
m
2
+
 I
PH
2
ke fel

2
+
=
2

–
arc
2
f
el Lm/Rm

tan
–
 I
PH
Ke fel

Rm
2
2
f
el

2 L
m
2
+

cos
–
VPH
Rm i2fel Lm
+
IPH
VBEMF fel

+
VPH
Rm
2
2
f
el

2 L
m
2
+
IPH
Ke fel

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com