Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4144 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 9Page - STMicroelectronics AN4144 Datasheet HTML 10Page - STMicroelectronics AN4144 Datasheet HTML 11Page - STMicroelectronics AN4144 Datasheet HTML 12Page - STMicroelectronics AN4144 Datasheet HTML 13Page - STMicroelectronics AN4144 Datasheet HTML 14Page - STMicroelectronics AN4144 Datasheet HTML 15Page - STMicroelectronics AN4144 Datasheet HTML 16Page - STMicroelectronics AN4144 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID023491 Rev 3
13/28
AN4144
Tuning of the BEMF compensation parameters
28
2
Tuning of the BEMF compensation parameters
This paragraph describes how the BEMF compensation parameters can be tuned in order to
obtain the best results. Setting the correct compensation parameters is fundamental to
Voltage mode algorithm performance.
The tuning sequence can be divided into the following steps:
Collecting the characteristics of the application and motor (Section 2.1)
Obtaining a preliminary set of parameters (Section 2.2)
Tuning the parameters in order to obtain the needed results (Section 2.3 on page 17).
2.1
Collecting the application characteristics
The compensation system is based on the electrical model of the stepper motor, so its setup
is strongly dependent on the motor characteristics.
The required information is:
Resistance of the motor phase (Rm)
Inductance of the motor phase (Lm)
Electrical constant of the motor (ke).
The Rm and Lm values are usually reported on the motor datasheet. They can also be
measured with common measuring instruments.
If the user has an RLC meter, they can connect it to one of the motor phases and measure
the series R and L at 100 Hz (make sure the motor does not move). The resulting values are
considered to be Rm and Lm.
If they do not have an RLC meter, the Rm can be measured using a bench multimeter
applied to one of the phases.
To measure the Lm, use the following procedure:
Connect a DC voltage at one motor phase and apply the voltage and current probes of
the oscilloscope, as shown in Figure 6 A
Increase the voltage up to the value where the current equals the nominal value
For a better measurement, lock the rotor position
Unplug one terminal of the voltage source cable without switching it off and disable (or
set to the max.) the current limitation
Connect the voltage source rapidly and monitor, on the scope, the voltage and current
waveform
The measurement is good if the voltage trace is similar to a step and the current
increases exponentially (Figure 6 B)
Measure the time for the current waveform to rise up to 63% of the nominal value
(Figure 6 B)
This time is equal to the Lm/Rm ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com