Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4144 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 5Page - STMicroelectronics AN4144 Datasheet HTML 6Page - STMicroelectronics AN4144 Datasheet HTML 7Page - STMicroelectronics AN4144 Datasheet HTML 8Page - STMicroelectronics AN4144 Datasheet HTML 9Page - STMicroelectronics AN4144 Datasheet HTML 10Page - STMicroelectronics AN4144 Datasheet HTML 11Page - STMicroelectronics AN4144 Datasheet HTML 12Page - STMicroelectronics AN4144 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DocID023491 Rev 3
9/28
AN4144
Voltage mode driving
28
The control system generates the phase voltage using a PWM modulation. The outputs
switch between supply voltage VBUS and ground at a fixed frequency. The mean voltage of
the resulting square-wave is adjusted through its duty cycle (on time over square-wave
period ratio) according to Equation 8:
Equation 8
The duty cycle ranges from 0% (the output is always forced to ground) to 100% (the output
is always forced to VBUS).
The BEMF compensation curve is implemented adjusting the PWM duty cycle, so all the
voltage values must be normalized to the supply voltage of the power stage (Figure 3).
Figure 3. BEMF compensation curve
VPH
VBUS
tON
tSW
---------
VBUS DutyCyclePMW
=
=
V
PH /VBUS
Speed
[step/s]
Intersect
speed
Kval
Starting
slope
Final
slope
AM12859v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com