Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4144 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 18Page - STMicroelectronics AN4144 Datasheet HTML 19Page - STMicroelectronics AN4144 Datasheet HTML 20Page - STMicroelectronics AN4144 Datasheet HTML 21Page - STMicroelectronics AN4144 Datasheet HTML 22Page - STMicroelectronics AN4144 Datasheet HTML 23Page - STMicroelectronics AN4144 Datasheet HTML 24Page - STMicroelectronics AN4144 Datasheet HTML 25Page - STMicroelectronics AN4144 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Supply voltage compensation guidelines
AN4144
22/28
DocID023491 Rev 3
3
Supply voltage compensation guidelines
The effectiveness of the compensation is strongly dependent on the actual duty cycle value
because the system is not able to overcome the maximum duty cycle of 100%. When the
variations of the application supply voltage make the use of the compensation system
essential, the maximum target current is limited by the lower voltage value which is
expected from the power supply output.
For this reason, the application setup, i.e. motor characteristics and phase currents, should
be chosen considering the minimum expected supply voltage.
For example, suppose 85% of the 24 V bus is needed in order to reach the target current at
1000 step/s. If the bus voltage is reduced by 20% (i.e. the actual voltage is:
24 V
0.8 = 19.2 V), the compensation system increases the duty cycle by a factor of
1/0.8 = 1.25. In this case the resulting duty cycle is 106.25%, which is greater than the
maximum available value (100%).
Example 3
VBUS = VBUS,nom = 24 V -> DutyCyclePWM at 1000 step/s = 85%
VBUS = 0.8 VBUS,nom = 19.2 V -> DutyCyclePWM at 1000 step/s = 85% / 0.8 = 106.25%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com