Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4144 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4144 Datasheet HTML 1Page - STMicroelectronics AN4144 Datasheet HTML 2Page - STMicroelectronics AN4144 Datasheet HTML 3Page - STMicroelectronics AN4144 Datasheet HTML 4Page - STMicroelectronics AN4144 Datasheet HTML 5Page - STMicroelectronics AN4144 Datasheet HTML 6Page - STMicroelectronics AN4144 Datasheet HTML 7Page - STMicroelectronics AN4144 Datasheet HTML 8Page - STMicroelectronics AN4144 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DocID023491 Rev 3
5/28
AN4144
Voltage mode driving
28
1
Voltage mode driving
This section describes the basic principles of Voltage mode driving and its implementation in
STMicroelectronics devices with a focus on the compensation of:
The back electromotive force (Section 1.2 on page 7)
The motor supply voltage variation (Section 1.3 on page 11)
The thermal drift of the phase resistance (Section 1.4 on page 12).
1.1
Basic principles
The classic current mode driving method limits the phase current to a reference value using
a comparator and a current sensor (usually an external resistor). This control is the most
intuitive but brings with it some drawbacks: the current ripple can be significant and
obtaining an acceptable control of the current can be challenging. In trying to solve these
problems, current control algorithms were made more and more complex, including
techniques such as fast decay and mixed decay. With the introduction of microstepping in
stepper motor driving a new current control algorithm limit became evident: the analog
circuitry and the control loop should be able to manage lower currents with higher
resolution.
Voltage mode totally changes the control approach implementing an open-loop control:
a sinusoidal voltage is applied to the motor phases and the electro-mechanical system
response with a sinusoidal current.
Note:
Due to its principle of operation, Voltage mode driving is not suited to full step driving. The
best performance is always obtained using microstepping operation.
This result can be obtained through the analysis of the stepper motor electrical model.
Equation 1, extracted from the model in Figure 1, shows how the current of a generic motor
phase is related to:
Phase voltage VPH
Back electromotive force (BEMF)
Phase resistance (Rm) and inductance (Lm).
The back electromotive force is typically a sinusoidal voltage with frequency and amplitude
proportional to motor rotation speed. The BEMF frequency (fel) is equal to one quarter of the
rotation speed expressed in steps per second (fSTEP); this frequency is exactly the same as
the hypothetical current sine wave that should be applied to the motor phase in order to
make the motor turn at fSTEP step rate. The BEMF amplitude is proportional to step
frequency through a linear coefficient ke: this parameter depends on motor characteristics
and structure (rotor material, coil turns, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com