Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 4 Page - NEC

Part # UPD3753
Description  2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 4 Page - NEC

  UPD3753 Datasheet HTML 1Page - NEC UPD3753 Datasheet HTML 2Page - NEC UPD3753 Datasheet HTML 3Page - NEC UPD3753 Datasheet HTML 4Page - NEC UPD3753 Datasheet HTML 5Page - NEC UPD3753 Datasheet HTML 6Page - NEC UPD3753 Datasheet HTML 7Page - NEC UPD3753 Datasheet HTML 8Page - NEC UPD3753 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µPD3753
Parameter
Symbol
Ratings
Unit
Output unit drain voltage
VOD
–0.3 to +8
V
Shift register clock voltage
V
φ1, φ2
–0.3 to +8
V
Transfer gate signal voltage
V
φTG
–0.3 to +8
V
Operating ambient temperature
Topt
–25 to +60
°C
Storage temperature
Tstg
–40 to +70
°C
ABSOLUTE MAXIMUM RATINGS (Ta = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Output unit drain voltage
VOD
4.7
5.0
5.3
V
Shift register clock
φ1, φ2 signal high level
V
φ1H, φ2H
4.5
5.0
VOD + 0.2
V
Shift register clock
φ1, φ2 signal low level
V
φ1L, φ2L
–0.3
0
+0.5
V
Transfer gate signal high level
V
φTGH
4.5
V
φ1H
V
φ1H
V
Transfer gate signal low level
V
φTGL
–0.3
0
+0.5
V
Data rate
f
φR
0.2
1
2
MHz
RECOMMENDED OPERATING CONDITIONS (Ta = –25 to + 60
°C)
Caution When VφTGH > Vφ1H, image lag increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com