Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 1 Page - NEC

Part # UPD3753
Description  2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 1 Page - NEC

  UPD3753 Datasheet HTML 1Page - NEC UPD3753 Datasheet HTML 2Page - NEC UPD3753 Datasheet HTML 3Page - NEC UPD3753 Datasheet HTML 4Page - NEC UPD3753 Datasheet HTML 5Page - NEC UPD3753 Datasheet HTML 6Page - NEC UPD3753 Datasheet HTML 7Page - NEC UPD3753 Datasheet HTML 8Page - NEC UPD3753 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1994
DATA SHEET
The
µPD3753 is a 2088-bit high sensitivity CCD (Charge Coupled Device) linear image sensor which
changes optical images to electrical signal.
The
µPD3753 consists of 2088-bit photocell array and a line of 2088-bit CCD charge transferred register.
It contains a reset a feed-through level clamp circuit, a pulse generator, and a voltage amplifier to provide
high sensitivity and low noise. It also supports low power consumption with single 5 V power supply. The
µPD3753 can be driven by power supply and three input clocks owing to the built-in reset pulse generator
and a clamp pulse generator.
FEATURES
• Valid photocell
: 2088-bit
• Photocell's pitch
: 14
µm
• High response sensitivity
: Providing a response equal with the existing equivalent NEC
product (
µPD3743) to the light from a daylight fluorescent lamp
• Low noise
: Providing about two thirds register imbalance of the existing equivalent
NEC product (
µPD3743)
• Peak response wavelength
: 550 nm (green)
• Resolution
: 8 dot/mm across the shorter side of a B4-size (257
× 364 mm) sheet
• Power supply
: +5 V
• Drive clock level
: CMOS output under +5 V operation
• Scanning speed
: 1.0 ms/line
• Built-in circuit
: Reset feed-through level clamp circuit, reset pulse generator, clamp pulse
generator
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD3753CY
CCD LINEAR IMAGE SENSOR 22 PIN PLASTIC DIP (400 mil)
Standard
µPD3753
MOS INTEGRATED CIRCUIT
2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
The information in this document is subject to change without notice.
Please refer to "Quality grade on NEC Semiconductor Devices" (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
Document No. IC-3429
(O. D. No. IC-9002)
Date Published August 1994 P
Printed in Japan


Similar Part No. - UPD3753

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3753 NEC-UPD3753 Datasheet
169Kb / 20P
2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
logo
Renesas Technology Corp
UPD3753 RENESAS-UPD3753 Datasheet
279Kb / 22P
MOS INTEGRATED CIRCUIT
1994
logo
NEC
UPD3753CY-A NEC-UPD3753CY-A Datasheet
169Kb / 20P
2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
logo
Renesas Technology Corp
UPD3753CY-A RENESAS-UPD3753CY-A Datasheet
279Kb / 22P
MOS INTEGRATED CIRCUIT
1994
logo
NEC
UPD3753 NEC-UPD3753_02 Datasheet
169Kb / 20P
2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
More results

Similar Description - UPD3753

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3737 NEC-UPD3737 Datasheet
193Kb / 16P
5150-BIT CCD LINEAR IMAGE SENSOR
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
30-Jun-1997
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3571 NEC-UPD3571 Datasheet
225Kb / 10P
5000 BIT CCD LINEAR IMAGE SENSOR
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
2048-BIT CCD LINEAR IMAGE SENSOR
UPD3574 NEC-UPD3574 Datasheet
205Kb / 9P
2592-BIT CCD LINEAR IMAGE SENSOR
logo
Panasonic Semiconductor
MN3611 PANASONIC-MN3611 Datasheet
357Kb / 5P
2160-Bit CCD Linear Image Sensor
logo
NEC
UPD3753 NEC-UPD3753_02 Datasheet
169Kb / 20P
2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
logo
Renesas Technology Corp
S16546EJ2V0DS00 RENESAS-S16546EJ2V0DS00_15 Datasheet
274Kb / 22P
2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com