Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 7 Page - NEC

Part # UPD3753
Description  2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 7 Page - NEC

Back Button UPD3753 Datasheet HTML 3Page - NEC UPD3753 Datasheet HTML 4Page - NEC UPD3753 Datasheet HTML 5Page - NEC UPD3753 Datasheet HTML 6Page - NEC UPD3753 Datasheet HTML 7Page - NEC UPD3753 Datasheet HTML 8Page - NEC UPD3753 Datasheet HTML 9Page - NEC UPD3753 Datasheet HTML 10Page - NEC UPD3753 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
µPD3753
TIMING CHART for
φTG, φ1, φ2
CROSS POINTS for
φ1, φ2
Note
Adjust cross point of
φ1, φ2 by φ1, φ2 pin external input resistors.
Parameter
MIN.
TYP.
MAX.
t1 ,t2
0
50
(100)
t3, t4
0
50
–
t5
650
1000
(2000)
t6, t7
0
100
–
(Unit: ns)
2 V or more
2 V or more
t5
t3
t4
90 %
10 %
t6
90 %
t7
TG
1
2
1
2
φ
φ
φ
φ
φ
Remark
The MAX. in the table above shows the operation range in which the output characteristics are kept
almost enough for general purpose, does not show the limit above which the
µPD3753 is destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com