Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 13 Page - NEC

Part # UPD3753
Description  2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 13 Page - NEC

Back Button UPD3753 Datasheet HTML 8Page - NEC UPD3753 Datasheet HTML 9Page - NEC UPD3753 Datasheet HTML 10Page - NEC UPD3753 Datasheet HTML 11Page - NEC UPD3753 Datasheet HTML 12Page - NEC UPD3753 Datasheet HTML 13Page - NEC UPD3753 Datasheet HTML 14Page - NEC UPD3753 Datasheet HTML 15Page - NEC UPD3753 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
µPD3753
PACKAGE DIMENSIONS
CCD LINEAR IMAGE SENSOR 22PIN PLASTIC DIP (400 mil)
1bit
2.54
25.4
1.7±0.3
37.5
44.0±0.3
1.02±0.15
0.46±0.1
Name
Dimensions
Refractive index
Plastic cap
1.5
42.9
× 8.35 × 0.7
1 The bottom of the package
The surface of the chip
2 The thickness of the cap over the chip
2
22C-1CCD-PKG2
(Unit : mm)
1
10.16
2.35±0.2
0~10°
0.25±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com