Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 5 Page - NEC

Part # UPD3753
Description  2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 5 Page - NEC

  UPD3753 Datasheet HTML 1Page - NEC UPD3753 Datasheet HTML 2Page - NEC UPD3753 Datasheet HTML 3Page - NEC UPD3753 Datasheet HTML 4Page - NEC UPD3753 Datasheet HTML 5Page - NEC UPD3753 Datasheet HTML 6Page - NEC UPD3753 Datasheet HTML 7Page - NEC UPD3753 Datasheet HTML 8Page - NEC UPD3753 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µPD3753
ELECTRICAL CHARACTERISTICS
Ta = +25
°C, VOD = 5 V, fφ1 = 1 MHz, data rate = 1 MHz, storage time = 10 ms
light source: 3200 K halogen lamp + C500 (infrared cut filter), input clock = 5 VP-P
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturation voltage
Vsat
1.0
1.2
V
Saturation exposure
SE
Daylight color fluorescent lamp
0.013
lx•s
Photo response non-uniformity
PRNU
VOUT = 500 mV
± 2
± 8
%
Average dark signal
ADS
Light shielding
1.0
8.0
mV
Dark signal non-uniformity
DSNU
Light shielding
– 8
± 4
+ 8
mV
Power consumption
PW
30
50
mW
Output impedance
ZO
0.5
1
k
Ω
Response
RF
Daylight color fluorescent lamp
63
90
117
V/lx•s
Response peak wavelength
550
nm
Image lag
IL
VOUT = 1 V
7
14
%
Offset level
VOS
2.5
3.0
3.5
V
C
φ1
C
φ2
Input capacitance of transfer gate
signal pin
Output fall delay time
td
130
ns
Total transfer efficiency
TTE
VOUT = 1 V, data rate = 2 MHz
92
%
Dynamic range
DR
Vsat /DSNU
375
times
Reset feed-through noise
RFSN
Light shielding
0
800
1500
mV
Bit noise
BN
Light shielding
10
mVP-P
Modulation transfer function at
nyquist frequency
Input capacitance of shift register
clock pin
300
pF
C
φTG
100
pF
Resolution
MTF
65
%
Remark When VOD = 4.7 V, the response typically decreases to 90 % of the value under 5 V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com