Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1553 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # IS1553
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

IS1553 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  IS1553_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
RM1ZM
RM11
RM11A
RM11B
RM11C
RU2
RU3
RU3A
RU3AM
RU3M
RU4
RU4A
RU4M
RU4B
RU4C
RU4D
RU4M
RU4Y
RU4YX
RU4Z
S5295G
S5295J
TVR1B
TVR1D
TVR1G
TVR1J
V
Test
A
Test
200
400
600
800
1000
600
400
600
800
1000
400
600
600
800
100
1300
400
100
100
200
400
600
200
100
200
400
600
1.0
1.2
1.2
1.2
1.2
1.0
1.5
1.5
1.5
1.5
1.5
1.5
2.0
1.5
1.5
2.0
2.0
2.0
2.2
2.0
1.0
1.0
0.8
0.5
0.5
0.5
0.5
50
100
100
100
100
35
40
40
40
40
40
40
80
40
40
40
80
80
80
80
35
35
30
30
30
30
30
0.98
0.92
0.92
0.92
0.92
1.2
1.5
1.5
1.1
1.1
1.5
1.5
1.3
1.6
1.6
1.8
1.3
1.3
0.85
1.3
1.2
1.2
1.1
1.2
1.2
1.2
1.2
1.0
1.5
1.5
1.5
1.5
1.0
1.5
1.5
1.5
1.5
3.0
3.0
3.5
3.0
3.0
1.5
3.5
3.5
2.0
3.5
1.0
1.0
0.8
0.5
0.5
0.5
0.5
5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
IF=20mA
VR=10V
RL=75
SDO-15
SDO-15
SDO-15
SDO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-41
DO-41
DO-41
DO-41
SM-1-02FRA
Trr
nS
--
--
--
--
--
0.4
0.2
0.25
0.3
0.4
0.2
0.2
0.2
0.3
0.4
0.4
0.2
0.2
0.2
0.2
0.3
0.4
0.6
2
2
2
2
--
--
--
--
--
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
IF=20mA
IR=1mA
DO-41/DO-15
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com