Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1553 Datasheet(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # IS1553
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

IS1553 Datasheet(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  IS1553_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
BYV95A
BYV95B
BYV95C
BYV95D
BYV95E
BYW32
BYW33
BYW34
BYW35
BYW36
EH-1
EH-1Z
EM1A
EM01Z
ERA1506
ERB1202
ERB4304
ERB4406
ERC0102
ES1
ES1A
ES1F
EU01A
EU1
EU1A
EU1C
EU1Z
V
Test
A
200
400
600
800
1000
200
300
400
500
600
400
200
600
200
600
200
400
600
200
1000
400
600
1500
600
400
600
1000
200
1.5
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
0.6
0.6
1.0
1.0
1.0
1.0
0.5
1.0
1.5
1.2
0.8
0.8
0.5
0.5
0.5
0.5
0.5
0.5
35
35
35
35
35
40
40
40
40
40
20
20
45
45
40
60
30
40
100
100
20
20
20
20
20
20
20
20
1.6
1.6
1.6
1.6
1.6
1.2
1.2
1.2
1.2
1.2
1.35
1.35
0.97
0.97
1.1
1.2
1.1
1.1
1.1
1.0
2.5
2.5
2.0
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
1.0
1.0
1.0
1.0
1.0
0.6
0.6
1.0
1.0
2.0
2.0
1.0
1.5
4.0
4.0
0.8
0.8
0.5
0.5
0.5
0.5
0.5
0.5
10
10
10
10
10
5
5
5
5
5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
SDO-15
SDO-15
ERC05-10B
Trr
nS
0.25
0.25
0.25
0.25
0.25
0.2
0.2
0.2
0.2
0.2
2
2
--
--
--
--
0.2
0.2
0.5
0.6
0.6
0.2
0.2
0.2
0.2
0.2
Test
IF=0.5A
IR=1.0A
IF=50mA
VR=10V
RL=75
IF=0.5A
IR=1.0A
--
--
--
--
IF=50mA
VR=10V
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-204AP
DO-204AP
DO-204AP
DO-204AP
DO-204AP
DO-204AP
DO-204AP
DO-204AP
DO-204AP
DO-204AP
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com