Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1553 Datasheet(PDF) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # IS1553
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

IS1553 Datasheet(HTML) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  IS1553_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
2DG1A
3JH61
2CZRU2
2CZRU4Z
2CZRG2
BYD33D
BYD33G
BYD33J
BYD33K
BYD33M
BYM36A
BYM36B
BYM36C
BYM36D
BYM36E
BYT52A
BYT52B
BYT52D
BYT52G
BYT52J
BYT52K
BYT52M
BYT56A
BYT56B
BYT56D
BYT56G
BYT56J
BYT56K
BYT56M
V
Test
A
300
600
600
200
400
200
200
400
600
800
100
200
400
600
800
100
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
0.3
1.5
1.0
2.0
1.2
1.0
1.3
1.3
1.3
1.3
1.3
3.0
3.0
3.0
3.0
3.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
20
60
20
70
50
50
30
30
30
30
30
150
150
150
150
150
40
40
40
40
40
40
40
150
150
150
150
150
150
150
1.3
1.4
1.2
1.3
1.5
1.2
1.3
1.3
1.3
1.3
1.3
1.6
1.6
1.6
1.8
1.8
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.4
1.4
1.4
1.4
1.4
1.4
1.4
0.3
3.0
1.0
2.0
1.2
1.0
1.0
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
3.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
5
10
10
10
500
5
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
10
10
10
10
10
10
10
DO-27
DO-27
DO-27
DO-27
DO-27
Trr
nS
1
1.5
0.2
0.2
0.1
5
0.25
0.25
0.25
0.3
0.3
100 n
100 n
100 n
100 n
100 n
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Test
IF=50mA
VR=10V
RL=75
IF=0.5A
IR=1.0A
IF=0.5A
IR=1.0A
IF=0.5A
IR=1.0A
IF=0.5A
IR=1.0A
DO-15/DO-41
DO-204AP
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-27
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
2CZRMIZM
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com