Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1553 Datasheet(PDF) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # IS1553
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

IS1553 Datasheet(HTML) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  IS1553_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
GP15A
GP15B
GP15D
GP15G
GP15J
GP15K
GP15M
PBL401
PBL402
PBL403
PBL404
PBL405
PBL406
PBL407
RC2
RG2
RG4C
RGP10A
RGP10B
RGP10D
RGP10G
RGP10J
RGP10K
RGP10M
V
Test
A
Test
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
2000
400
1000
50
100
200
400
600
800
1000
1.5
1.5
1.5
1.5
1.5
1.5
1.5
4.0
4.0
4.0
4.0
4.0
4.0
4.0
0.2
1.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50
50
50
50
50
50
50
200
200
200
200
200
200
200
20
50
30
30
30
30
30
30
30
30
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
2.0
1.5
3.0
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.5
1.5
1.5
1.5
1.5
1.5
1.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
0.2
1.5
2.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5
5
5
5
5
5
5
10
10
10
10
10
10
10
10
500
10
5
5
5
5
5
5
5
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
IF=50mA
VR=10V
RL=75
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Trr
nS
2
2
2
2
2
2
2
--
--
--
--
--
--
--
1.5
0.1
0.1
0.15
0.15
0.15
0.15
0.25
0.5
0.5
IF=0.5A
IR=1.0A
--
--
--
--
--
--
--
IF=0.5A
IR=1.0A
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com