Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1553 Datasheet(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # IS1553
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

IS1553 Datasheet(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  IS1553_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD IS1553_15 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
RGP15A
RGP15B
RGP15D
RGP15G
RGP15J
RGP15K
RGP15M
RGP30A
RGP30B
RGP30D
RGP30G
RGP30J
RGP30K
RGP30M
RH1
RH1A
RH1B
RH1C
RH1Z
2CZ92C
2CZ92D
2CZ92E
2CZ92G
2CZ92H
2CZ1834
2CZ1835
2CZ1887
2CZ4406E
2CZ5295G
2CZ5295J
2CZESI
2CZEUIC
V
Test
A
Test
2CZEM01Z
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
400
600
800
1000
200
200
300
400
600
900
400
600
400
600
400
600
200
400
600
1.5
1.5
1.5
1.5
1.5
1.5
1.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
0.6
0.6
0.6
0.6
0.6
0.3
0.3
0.3
0.3
0.3
1.0
1.0
1.0
1.5
1.0
1.0
1.0
1.0
0.5
50
50
50
50
50
50
50
125
125
125
125
125
125
125
20
20
20
20
20
20
20
20
20
20
60
60
60
30
30
30
45
30
30
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.2
1.2
1.2
1.1
1.5
1.5
0.97
2.5
2.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
3
3
3
3
3
3
3
0.6
0.6
0.6
0.6
0.6
0.3
0.3
0.3
0.3
0.3
1.0
1.0
1.0
1.5
1.0
1.0
1.0
1.0
0.5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
10
10
10
10
10
10
5
5
5
Trr
nS
0.15
0.15
0.15
0.15
0.25
0.5
0.5
0.15
0.15
0.15
0.15
0.25
0.5
0.5
0.4
0.4
0.4
0.4
0.4
1.0
1.0
1.0
1.0
1.0
0.2
0.2
--
0.2
0.2
0.2
--
0.75
0.2
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=0.5A
IR=1A
IF=0.5A
IR=1A
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
DO-15
DO-15
DO-41/DO-15
DO-41/DO-15
DO-41/DO-15
DO-41/DO-15
DO-41/DO-15
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com