Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3450 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology LTC3450 Datasheet HTML 10Page - Linear Technology LTC3450 Datasheet HTML 11Page - Linear Technology LTC3450 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3450
12
3450fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1310
1.5A ISW, 4.5MHz,
VIN: 2.75V to 18V, VOUT = 35V, IQ = 12mA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
MSE Package
LT1613
550mA ISW, 1.4MHz,
VIN: 0.9V to 10V, VOUT = 34V, IQ = 3mA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
ThinSOT Package
LT1615/LT1615-1
300mA/80mA ISW, Constant Off-Time,
VIN: 1.2V to 15V, VOUT = 34V, IQ = 20µA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
ThinSOT Package
LT1940
Dual Output 1.4A IOUT, Constant 1.1MHz,
VIN: 3V to 25V, VOUT (MIN) = 1.2V, IQ = 2.5mA, ISD = <1µA
High Efficiency Step-Down DC/DC Converter
TSSOP-16E Package
LT1944
Dual Output 350mA ISW, Constant Off-Time,
VIN: 1.2V to 15V, VOUT = 34V, IQ = 20µA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
MS Package
LT1944-1
Dual Output 150mA ISW, Constant Off-Time,
VIN: 1.2V to 15V, VOUT = 34V, IQ = 20µA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
MS Package
LT1945
Dual Output, Pos/Neg, 350mA ISW, Constant Off-Time,
VIN: 1.2V to 15V, VOUT = ±34V, IQ = 20µA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
MS Package
LT1946/LT1946A
1.5A ISW, 1.2MHz/2.7MHz,
VIN: 2.45V to 16V, VOUT = 34V, IQ = 3.2mA, ISD = <1µA
High Efficiency Step-Up DC/DC Converter
MS8 Package
LT1947
Triple Output ( for TFT-LCD) 1.1A ISW,VIN: 2.7V to 8V, VOUT = 34V, IQ = 9.5mA, ISD = <1µA
3MHz High Efficiency Step-Up DC/DC Converter
MS Package
LT1949/LT1949-1
550mA ISW, 600kHz/1.1MHz,
VIN: 1.5V to 12V, VOUT = 28V, IQ = 4.5mA, ISD = <25µA
High Efficiency Step-Up DC/DC Converter
S8, MS8 Packages
LTC3400/LTC3400B
600mA ISW, 1.2MHz,
VIN: 0.85V to 5V, VOUT = 5V, IQ = 19µA/300µA, ISD = <1µA
Synchronous Step-Up DC/DC Converter
ThinSOT Package
LTC3401
1A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT = 5V, IQ = 38µA, ISD = <1µA, MS Package
LTC3402
2A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT = 5V, IQ = 38µA, ISD = <1µA, MS Package
5.1V, – 5V, 15V Triple Output TFT-LCD Supply
CF1
0.1µF
C1
2.2µF
VIN
1.5V TO
4.6V
L1: SUMIDA CMD4D08-470
AVDD
5.1V/10mA
VGH (3 × AVDD)
15V/500µA
VGL
–5V/500µA
3450 TA03
CF3
0.1µF
CF2
0.1µF
11
7
8
10
14
13
V2X
V3X
VINV
VIN
MODE
SW
VOUT
VNEG
LTC3450
GND
12
15
16
1
2
3
6
5
OFF ON
BLANK SCAN
L1
47µH
4
9
C2
2.2µF
C4
0.47µF
C6
0.1µF
C5
0.1µF
C1+
C1–
C2+
C2–
SHDN
C3– C3+
LT/TP 0205 1K REV A • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com