Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3450 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 3 Page - Linear Technology

  LTC3450 Datasheet HTML 1Page - Linear Technology LTC3450 Datasheet HTML 2Page - Linear Technology LTC3450 Datasheet HTML 3Page - Linear Technology LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3450
3
3450fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VOUT = 5.2V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specification is guaranteed by design and not 100% tested in
production.
V3X Output Voltage
Load on V3X = 100µA
● 14.688
15.2
15.912
V
V2X Efficiency
Load on V2X = 100µA, (Note 2)
90
%
V3X Efficiency
Load on V3X = 100µA, (Note 2)
80
%
Output Impedance V2X, V3X
Flying Capacitors = 0.1µF1
kΩ
VNEG Output Voltage
Load on VNEG = 100µA, VINV = V2X
● –10.608
–10.1
– 9.792
V
VNEG Efficiency
Load on VNEG = 100µA (Note 2)
80
%
Output Impedance VNEG
Flying Capacitor = 0.1µF1
kΩ
Switching Frequency Charge Pumps
MODE = VIN
62.5
kHz
Switching Frequency Charge Pumps
MODE = GND
3.75
kHz
VNEG to V3X Delay
(Note 3)
3
4
10
ms
Logic Inputs
SHDN Pin Threshold
●
0.4
0.77
1.2
V
MODE Pin Threshold
1.6
V
Note 3: Measured from point at which VNEG crosses –5V to point at which
C2– starts switching.
Note 4: The LTC3450E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com