Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3450 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 4 Page - Linear Technology

  LTC3450 Datasheet HTML 1Page - Linear Technology LTC3450 Datasheet HTML 2Page - Linear Technology LTC3450 Datasheet HTML 3Page - Linear Technology LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3450
4
3450fa
TYPICAL PERFOR A CE CHARACTERISTICS
100
95
90
85
80
75
70
100
95
90
85
80
75
70
VIN (V)
1.5
3.0
4.0
2.0
2.5
3.5
4.5
5.0
VIN (V)
1.5
3.0
4.0
2.0
2.5
3.5
4.5
5.0
VIN (V)
1.5
3.0
4.0
2.0
2.5
3.5
4.5
5.0
VIN (V)
1.5
3.0
4.0
2.0
2.5
3.5
4.5
5.5
5.0
VIN (V)
1.5
3.0
4.0
2.0
2.5
3.5
4.5
5.5
5.0
3450 G02
3450 G03
5.16
5.14
5.12
5.10
5.08
5.06
5.04
3450 G06
15.6
15.4
15.2
15.0
14.8
14.6
14.4
100
90
80
70
60
50
40
30
20
10
0
3450 G04
3450 G05
800
700
600
500
400
300
200
100
VGH LOAD (µA)
0 100
300
500
700
900
200
400
600
800
3450 G07
1000
VGL LOAD (µA)
0 100
300
500
700
900
200
400
600
800
1000
– 9.0
– 9.2
– 9.4
– 9.6
– 9.8
– 10.0
– 10.2
– 10.4
3450 G08
TEMPERATURE (°C)
–40–25
3450 G09
–10 520 35 50 65 80 95 110 125
5.200
5.175
5.150
5.125
5.100
5.075
5.050
5.025
5.000
10mA
2mA
0mA
2mA
10mA
2mA
5mA
5mA
5mA
10mA
L = 47µH
L = 100µH
AVDD Efficiency vs VIN
AVDD Efficiency vs VIN
No Load VIN Current in Blank Mode
No Load VIN Current in Scan Mode
AVDD vs VIN and Load
VGH vs Load
VGL vs Load
AVDD vs Temperature
Figure 1 Circuit, 1mA Load
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com