Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3450 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 2 Page - Linear Technology

  LTC3450 Datasheet HTML 1Page - Linear Technology LTC3450 Datasheet HTML 2Page - Linear Technology LTC3450 Datasheet HTML 3Page - Linear Technology LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3450
2
3450fa
VIN, SW.......................................................... – 0.3 to 7V
SHDN, MODE ................................................. – 0.3 to 7V
VOUT .......................................................................... –0.3 to 5.5V
VNEG ........................................................................ –17V to 0.3V
Operating Temperature Range
LTC3450E (Note 4) ............................. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 68°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3450EUD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1) (Referred to GND)
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VOUT = 5.2V unless otherwise noted.
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
EXPOSED PAD IS VNEG (PIN 17)
MUST BE SOLDERED TO PCB
9
10
11
12
17
4
3
2
1
C3+
C3
VNEG
MODE
V2X
C1+
C1
GND
UD PART MARKING
LAAC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
1.5
4.6
V
VIN Quiescent Supply Current
MODE = VIN
75
130
µA
VOUT Quiescent Supply Current
MODE = VIN
80
µA
VIN Quiescent Supply Current
MODE = GND
30
50
µA
VOUT Quiescent Supply Current
MODE = GND
13
µA
VIN Quiescent Current
SHDN = GND, VOUT OPEN
0.01
2
µA
5V Boost Regulator
VOUT Output Voltage
Load on VOUT = 5mA
5.049
5.100
5.151
V
VOUT Efficiency
Load on VOUT = 5mA, (Note 2)
90
%
VOUT Maximum Output Current
L = 47µH, (Note 2)
11
mA
Switch Current Limit
90
120
mA
Switching Frequency—Boost
MODE = VIN
550
kHz
Switching Frequency—Boost
MODE = GND
15.62
kHz
Charge Pumps
V2X Output Voltage
Load on V2X = 100µA
9.792
10.1
10.608
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com