Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3450 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 5 Page - Linear Technology

  LTC3450 Datasheet HTML 1Page - Linear Technology LTC3450 Datasheet HTML 2Page - Linear Technology LTC3450 Datasheet HTML 3Page - Linear Technology LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3450
5
3450fa
TYPICAL PERFOR A CE CHARACTERISTICS
AVDD
5mV/DIV
(AC)
1µs/DIV
VIN = 3.6V
C2 = 2.2µF
3450 G10
AVDD
100mV/DIV
(AC)
AVDD LOAD
5mA/DIV
100µs/DIV
5mA
1mA
VIN = 3.6V
C2 = 2.2µF
3450 G11
VGH
10V/DIV
AVDD
5V/DIV
VGL
5V/DIV
2ms/DIV
0
0
VIN = 3.6V
C2 = 2.2µF
3450 G12
0
0
INDUCTOR
CURRENT
100mA/DIV
AVDD
2V/DIV
20µs/DIV
VIN = 3.6V
3450 G13
AVDD Ripple Voltage
AVDD Load = 5mA
AVDD Transient Response
AVDD, VGL, VGH Turn-On and
Turn-Off Sequence
AVDD Turn-On Showing Inrush
Current Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com