Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4505 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 9Page - STMicroelectronics AN4505 Datasheet HTML 10Page - STMicroelectronics AN4505 Datasheet HTML 11Page - STMicroelectronics AN4505 Datasheet HTML 12Page - STMicroelectronics AN4505 Datasheet HTML 13Page - STMicroelectronics AN4505 Datasheet HTML 14Page - STMicroelectronics AN4505 Datasheet HTML 15Page - STMicroelectronics AN4505 Datasheet HTML 16Page - STMicroelectronics AN4505 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DocID026441 Rev 1
13/43
AN4505
Reading angular rate data
43
3.5.2
Edge-sensitive trigger (LVLen = 0; EXTRen = 1)
Once enabled, FIFO and output data are updated only with the first sample of X, Y and Z
data generated after every rising edge of the DEN input signal. The DEN signal must be
high while a new data sample is generated in order to update data in FIFO and output
registers.
When the ODR selected is 800 Hz, the maximum DEN sample frequency is fDEN = 1/TDEN =
400 Hz (downsampling is useful).
Figure 4. Data synchronization: edge sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com