Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4505 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 31Page - STMicroelectronics AN4505 Datasheet HTML 32Page - STMicroelectronics AN4505 Datasheet HTML 33Page - STMicroelectronics AN4505 Datasheet HTML 34Page - STMicroelectronics AN4505 Datasheet HTML 35Page - STMicroelectronics AN4505 Datasheet HTML 36Page - STMicroelectronics AN4505 Datasheet HTML 37Page - STMicroelectronics AN4505 Datasheet HTML 38Page - STMicroelectronics AN4505 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
DocID026441 Rev 1
35/43
AN4505
First-in first-out (FIFO) buffer
43
As described, for FIFO mode, data can be retrieved when OVRN is set to”1” and by
performing a 32 sample set read from the output registers, data can be retrieved also on the
WTM flag if the application requires a smaller number of samples.
Figure 18. Stream mode fast reading behavior
In Stream mode, the FIFO buffer is continuously filling (from F0 to F31) at the selected
output data rate. When the buffer is full the OVRN flag goes high and the recommended
solution is to read all FIFO samples (192 bytes) faster than 1*ODR, in order to free FIFO
slots for the new angular rate samples. This allows avoiding loss of data and decreasing
host processor interaction which increases system efficiency. If the read procedure is not
fast enough, three different cases can be observed:
1.
FIFO sample set (6 bytes) is read faster than 1*ODR: data are correctly retrieved
because a free slot is made available before new data is generated.
2.
FIFO sample set (6 bytes) is read synchronous to 1*ODR: data are correctly retrieved
because a free slot is made available before new data is generated but FIFO benefits
are not exploited. This case is equivalent to reading data on the data-ready interrupt
and does not reduce the host processor interaction compared to the standard
accelerometer reading.
3.
FIFO sample set (6 bytes) is read slower than 1*ODR: in this case some data is lost
because data recovery is not fast enough to free slots for new angular rate data
Figure 19. The number of correctly recovered samples is related to the difference
between the current ODR and the FIFO sample set reading rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com