Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4505 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 24Page - STMicroelectronics AN4505 Datasheet HTML 25Page - STMicroelectronics AN4505 Datasheet HTML 26Page - STMicroelectronics AN4505 Datasheet HTML 27Page - STMicroelectronics AN4505 Datasheet HTML 28Page - STMicroelectronics AN4505 Datasheet HTML 29Page - STMicroelectronics AN4505 Datasheet HTML 30Page - STMicroelectronics AN4505 Datasheet HTML 31Page - STMicroelectronics AN4505 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Interrupt generation
AN4505
28/43
DocID026441 Rev 1
Figure 15. No-move interrupt
This paragraph provides the basics for the use of the selective axis movement detection
feature. The example code which implements the SW routine for the selective axis
movement recognition is given below.
The code sample exploits a threshold set at 60 dps selective axis movement detection and
the event is notified by the hardware signal INT1. At step 12, the INT1_DURATION register
is configured like this to ignore events that are shorter than 1/DR = 1/100 ~= 10 msec in
order to avoid false detections. Once the selective axis movement detection has occurred, a
read of the INT1_SRC register clears the request and the device is ready to recognize other
events.
1
Write 0Fh into CTRL_REG1
// Turn-on the sensor and enable X, Y, and Z
// ODR = 100 Hz
3
Write 80h into CTRL_REG3
// Interrupt driven to INT1 pad
4
Write 00h into CTRL_REG4
// FS = 250 dps
6
Write 2Ch into INT1_THS_XH
// Threshold = 60 dps
7
Write A4h into INT1_THS_XL
// Threshold = 60 dps
8
Write 2Ch into INT1_THS_YH
// Threshold = 60 dps
9
Write A4h into INT1_THS_YL
// Threshold = 60 dps
10 Write 2Ch into INT1_THS_ZH
// Threshold = 60 dps
11
Write A4h into INT1_THS_ZL
// Threshold = 60 dps
12 Write 01h into INT1_DURATION
// Duration = 10 ms
13 Write 65h into INT1_CFG
// Enable XL, YL and ZH interrupt generation in AND
// configuration. Interrupt latched
14 Poll INT1 pad; if INT1=0 then go to 8
// Poll INT1 pin waiting for the
// wake-up event
15 Read INT1_SRC
// Return the event that has triggered the
// interrupt
16
(Wake-up event has occurred; insert
your code here)
// Event handling
17 Go to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com