Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4505 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 27Page - STMicroelectronics AN4505 Datasheet HTML 28Page - STMicroelectronics AN4505 Datasheet HTML 29Page - STMicroelectronics AN4505 Datasheet HTML 30Page - STMicroelectronics AN4505 Datasheet HTML 31Page - STMicroelectronics AN4505 Datasheet HTML 32Page - STMicroelectronics AN4505 Datasheet HTML 33Page - STMicroelectronics AN4505 Datasheet HTML 34Page - STMicroelectronics AN4505 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID026441 Rev 1
31/43
AN4505
First-in first-out (FIFO) buffer
43
Figure 16. FIFO_EN connections block diagram
6.2.2
FIFO control register (0x2E)
This register is dedicated to FIFO mode selection and watermark configuration.
FM[2:0] bits are dedicated to defining the FIFO buffer behavior:
1.
FM[2:0] = (0,0,0): Bypass mode
2.
FM[2:0] = (0,0,1): FIFO mode
3.
FM[2:0] = (0,1,0): Stream mode
4.
FM[2:0] = (0,1,1): Stream-to-FIFO mode
5.
FM[2:0] = (1,0,0): Bypass-to-Stream mode
The trigger used to activate Stream-to-FIFO and Bypass-to-Stream modes is related to the
IA bit value of the selected INT1_SRC register and does not depend on the interrupt pin
value and polarity. The trigger is generated also if the selected interrupt is not driven to an
interrupt pin.
The WTM[4:0] bits are intended to define the watermark level; when FIFO content exceeds
this value, the WTM bit is set to “1” in the FIFO source register.
Table 30. FIFO_CTRL_REG
b7
b6
b5
b4
b3
b2
b1
b0
FM2
FM1
FM0
WTM4
WTM3
WTM2
WTM1
WTM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com