Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4505 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 35Page - STMicroelectronics AN4505 Datasheet HTML 36Page - STMicroelectronics AN4505 Datasheet HTML 37Page - STMicroelectronics AN4505 Datasheet HTML 38Page - STMicroelectronics AN4505 Datasheet HTML 39Page - STMicroelectronics AN4505 Datasheet HTML 40Page - STMicroelectronics AN4505 Datasheet HTML 41Page - STMicroelectronics AN4505 Datasheet HTML 42Page - STMicroelectronics AN4505 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
DocID026441 Rev 1
39/43
AN4505
First-in first-out (FIFO) buffer
43
Figure 23. Bypass-to-Stream mode
Bypass-to-Stream can be used in order to start the acquisition when the configured interrupt
is generated.
6.4
Watermark
The watermark is a configurable flag that can be used to generate a specific interrupt in
order to know when the FIFO buffer contains at least the number of samples defined as the
watermark level. The user can select the desired level in a range from 0 to 31 using the
WTM[4:0] field in the FIFO control register while the FIFO source register FSS[4:0] always
contains the number of samples stored in FIFO. If FSS[4:0] is greater than WTM[4:0], the
WTM bit is set high in the FIFO source register, on the contrary, WTM is driven low when the
FSS[4:0] field becomes lower than WTM[4:0]. FSS[4:0] increases by one step at the ODR
frequency and decreases by one step every time that a sample set reading is performed by
the user.
Figure 24. Watermark behavior - WTM[4:0] = 10 (hex)
In Figure 24, the first row indicates the WTM[4:0] value, the second row indicates the
relative FIFO slot and last row shows the incremental FIFO data. Assuming WTM[4:0] = 10
(hex), the WTM flag changes from “0” to “1” when the eleventh FIFO slot is filled (F10).
Figure 25 shows that the WTM flag goes low when the FIFO content is less than WTM[4:0],
which means that nine unread sample sets remain in FIFO.
The watermark flag (WTM) can be enabled to generate a dedicated interrupt on the
DRDY/INT2 pin by setting the I2_WTM bit high in CTRL_REG3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com