Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4506 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 9Page - STMicroelectronics AN4506 Datasheet HTML 10Page - STMicroelectronics AN4506 Datasheet HTML 11Page - STMicroelectronics AN4506 Datasheet HTML 12Page - STMicroelectronics AN4506 Datasheet HTML 13Page - STMicroelectronics AN4506 Datasheet HTML 14Page - STMicroelectronics AN4506 Datasheet HTML 15Page - STMicroelectronics AN4506 Datasheet HTML 16Page - STMicroelectronics AN4506 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
AN4506
Reading angular rate data
DocID026442 Rev 2
13/47
Figure 2. Data-ready signal
3.4
Using the block data update (BDU) feature
If the reading of the angular rate data is particularly slow and cannot be synchronized (or it is
not required) with either the XYZDA bit in the STATUS register or with the DRDY signal, it is
strongly recommended to set the BDU (block data update) bit to 1 in the CTRL4 register.
This feature avoids reading values (most significant and least significant parts of the angular
rate data) related to different samples. In particular, when the BDU is activated, the data
registers related to each channel always contain the most recent angular rate data produced
by the device, but, if the reading of a given pair (i.e. OUT_X_H and OUT_X_L, OUT_Y_H
and OUT_Y_L, OUT_Z_H and OUT_Z_L) is initiated, the refresh for that pair is blocked until
both MSB and LSB parts of the data are read.
Note:
BDU only guarantees that OUT_X(Y, Z)_L and OUT_X(Y,Z)_H have been sampled at the
same moment. For example, if the reading speed is too slow, it may read X and Y sampled
at T1 and Z sampled at T2.
Data must be read starting from the lower address.
3.5
DEN function
The L3GD20H allows external trigger level recognition through enabling the EXTRen (bit7)
and LVLen (bit6) bits in CTRL2 (21h) and the IMPen (bit3) bit of CTRL4. Three different
modes can be used: level-sensitive, pulse-sensitive and edge-sensitive trigger.
3.5.1
Level-sensitive trigger stamping (LVLen = 1; EXTRen = 0; IMPen = 0)
Once enabled, the DEN logical value replaces the less significant bit of X, Y and Z data for
the axis selected through the Xen, Yen, and Zen bits in CTRL_REG1 (20h).
Data are stored inside the FIFO with the internally selected ODR.
Table 6. DEN configurations
EXTRen
LVLen
IMPen
Function
1
0
0
Level sensitive
1
0
1
Pulse sensitive
0
1
0
Edge sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com