Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4506 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 18Page - STMicroelectronics AN4506 Datasheet HTML 19Page - STMicroelectronics AN4506 Datasheet HTML 20Page - STMicroelectronics AN4506 Datasheet HTML 21Page - STMicroelectronics AN4506 Datasheet HTML 22Page - STMicroelectronics AN4506 Datasheet HTML 23Page - STMicroelectronics AN4506 Datasheet HTML 24Page - STMicroelectronics AN4506 Datasheet HTML 25Page - STMicroelectronics AN4506 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Interrupt generation
AN4506
22/47
DocID026442 Rev 2
5.1
Interrupt pin configuration
The device is provided with two pins which can be activated to generate either the data-
ready or the interrupt signals. The functionality of the pins is selected through CTRL3(22h).
Refer to Table 16, Table 17 and to the block diagram in Figure 11 for more details.
Figure 11. Interrupt signals and interrupt pins
Table 16. CTRL3 register
INT1_IG
INT1_Boot
H_Lactive
PP_OD
INT2_DRDY
INT2_FTH
INT2_ORun INT2_Empty
Table 17. CTRL3 description
INT1_IG
Interrupt enable on INT1 pin. Default value 0. (0: disable; 1: enable)
INT1_Boot
Boot status available on INT1. Default value 0. (0: disable; 1: enable)
H_Lactive
Interrupt active configuration on INT1. Default value 0. (0: high; 1: low)
PP_OD
Push-Pull / Open drain. Default value: 0. (0: push-pull; 1: open drain)
INT2_DRDY Data Ready on DRDY/INT2. Default value 0. (0: disable; 1: enable)
INT2_FTH
FIFO Threshold interrupt on DRDY/INT2. Default value: 0. (0: disable; 1: enable)
INT2_ORun
FIFO Overrun interrupt on DRDY/INT2 Default value: 0. (0: disable; 1: enable)
INT2_Empty FIFO Empty interrupt on DRDY/INT2. Default value: 0. (0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com