Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4506 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 24Page - STMicroelectronics AN4506 Datasheet HTML 25Page - STMicroelectronics AN4506 Datasheet HTML 26Page - STMicroelectronics AN4506 Datasheet HTML 27Page - STMicroelectronics AN4506 Datasheet HTML 28Page - STMicroelectronics AN4506 Datasheet HTML 29Page - STMicroelectronics AN4506 Datasheet HTML 30Page - STMicroelectronics AN4506 Datasheet HTML 31Page - STMicroelectronics AN4506 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Interrupt generation
AN4506
28/47
DocID026442 Rev 2
The threshold module which is used by the system to detect any no-move or wake-up event
is defined by the IG_THS registers. The threshold value is expressed over 15 bits as an
unsigned number and is symmetrical around the zero-g level. XH (YH, ZH) is true when the
unsigned angular rate value of the X (Y, Z) channel is higher than IG_THS. Similarly, XL (YL,
ZL) low is true when the unsigned angular rate value of the X (Y, Z) channel is lower than
IG_THS. Refer to Figure 15 for more details.
Figure 15. NM_WU_CFG high and low
5.5.1
Wake-up
Wake-up interrupt refers to a specific configuration of the IG_CFG and IG_THS registers
that allows interrupt generation when the angular rate on the configured axis exceeds a
defined threshold (Figure 16).
Figure 16. Wake-up interrupt
5.5.2
HP filter bypassed
This paragraph provides a basic algorithm which shows the practical use of the wake-up
feature. In particular, with the code below, the device is configured to recognize when the
absolute angular rate along either the X-, Y-, or Z-axis exceeds a preset threshold (100 dps
is used in the example). The event which triggers the interrupt is latched inside the device
and its occurrence is signalled through the use of the INT1 pin.
0 dps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com