Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4506 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 37Page - STMicroelectronics AN4506 Datasheet HTML 38Page - STMicroelectronics AN4506 Datasheet HTML 39Page - STMicroelectronics AN4506 Datasheet HTML 40Page - STMicroelectronics AN4506 Datasheet HTML 41Page - STMicroelectronics AN4506 Datasheet HTML 42Page - STMicroelectronics AN4506 Datasheet HTML 43Page - STMicroelectronics AN4506 Datasheet HTML 44Page - STMicroelectronics AN4506 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
AN4506
First-in first-out (FIFO) buffer
DocID026442 Rev 2
41/47
way, the number of new data available in the FIFO does not depend on the previous
reading.
Follow these steps for Dynamic Stream mode configuration:
1.
Turn on FIFO by setting the FIFO_En bit to “1” in the CTRL5 register (0x24). After this
operation the FIFO buffer is enabled but is not collecting data, output registers are
frozen to the last sample set loaded.
2.
Activate Dynamic Stream mode by setting the FM[2:0] field to “110” in the FIFO_CTRL
register (0x2E).
6.3.5
Stream-to-FIFO mode
This mode is a combination of the Stream and FIFO modes described above. In Stream-to-
FIFO mode, the FIFO buffer starts operating in Stream mode and switches to FIFO mode
when the selected interrupt occurs.
Follow these steps for Stream-to-FIFO mode configuration:
1.
Configure desired interrupt generator using register IG_CFG (0x30).
2.
Turn on FIFO by setting the FIFO_En bit to “1” in the CTRL5 register (0x24). After this
operation the FIFO buffer is enabled but is not collecting data, output registers are
frozen to the last samples set loaded.
3.
Activate Stream-to-FIFO mode by setting the FM[2:0] field to “011” in the FIFO control
register (0x2E).
The interrupt trigger is related to the IA bit in the IG_SRC register and it is generated even if
the interrupt signal is not driven to an interrupt pad. Switching modes is performed if both IA
and OVRN bits are set high. Stream-to-FIFO mode is sensitive to the trigger level and not to
the trigger edge; this means that if Stream-to-FIFO is in FIFO mode and the interrupt
condition disappears, the FIFO buffer returns to Stream mode because the IA bit becomes
zero. It is recommended to latch the interrupt signal used as the FIFO trigger in order to
avoid losing interrupt events. If the selected interrupt is latched, it is necessary to read the
register IG_SRC to clear the IA bit; after reading, the IA bit takes 2*ODR to go low.
In Stream mode the FIFO buffer continues filling, when the buffer is full, the OVRN bit is set
high and the next samples overwrite the oldest. When trigger occurs, two different cases
can be observed:
1.
If the FIFO buffer is already full (OVRN = “1”), it stops collecting data at the first sample
after the trigger. FIFO content is composed of #30 samples collected before the trigger
event, the sample that has generated the interrupt event and one sample after trigger.
2.
If FIFO is not full yet (initial transient), it continues filling until it is full (OVRN = “1”) and
then, if trigger is still present, it stops collecting data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com