Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4506 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 35Page - STMicroelectronics AN4506 Datasheet HTML 36Page - STMicroelectronics AN4506 Datasheet HTML 37Page - STMicroelectronics AN4506 Datasheet HTML 38Page - STMicroelectronics AN4506 Datasheet HTML 39Page - STMicroelectronics AN4506 Datasheet HTML 40Page - STMicroelectronics AN4506 Datasheet HTML 41Page - STMicroelectronics AN4506 Datasheet HTML 42Page - STMicroelectronics AN4506 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
AN4506
First-in first-out (FIFO) buffer
DocID026442 Rev 2
39/47
Figure 21. Stream mode slow reading behavior
In Figure 21, due to slow reading, data from “jj” are not retrieved because they are replaced
by the new gyroscope samples generated by the system.
Figure 22. Stream mode slow reading zoom
After Stream mode has been enabled, FIFO slots are filled at the end of each ODR time
frame. The reading procedure must start as soon as the OVRN flag is set to “1”. Data are
retrieved from FIFO at the beginning of the reading operation. When a read command is
sent to the device, the output registers content is moved to the SPI/I2C register and the
current oldest FIFO value is shifted into the output registers in order to allow the next read
operation. When reading is slower than 1*ODR, some data can be retrieved from FIFO after
that new sample is inserted into the addressed location. In Figure 22 the fourth read
command starts after the refresh of the F3 index and this generates a disconnect in the data
read. The OVRN flag advises the user that this event has taken place. In this example, three
correct samples have been read, the number of samples correctly recovered depends on
the difference between the current ODR and the FIFO sample set reading time frame.
AM08475v1
t
Stream
enable
OVRN
FIFO Reading
Start FIFO
Reading
Start FIFO
Reading
.
.
yy
xx
65
64
63
.
kk
→yy
jj
→xx
32
31
3
2
1
0
F?+1
F?
F1
F0
F31
.
F?+1
F?
F0
F31
F3
F2
F1
F0
Samples
overwritten
t
OVRN
FIFO Reading
.
.
yy
xx
65
64
63
.
kk
→yy
jj
→xx
32
31
3
2
1
0
F?+1
F?
F1
F0
F31
.
F?+1
F?
F0
F31
F3
F2
F1
F0
AM08476v1
Stream
enable
t
OVRN
R0:0
FIFO Reading
Start FIFO
Reading
Samples
overwritten
36
35
34
33
32
31
4
3
2
1
0
F4
F3
F2
F1
F0
F31
F4
F3
F2
F1
F0
R1:1
R2:2 R3:35 R4:36
t0
t0+dt
t0+31dt
t
OVRN
R0:0
FIFO Reading
36
35
34
33
32
31
4
3
2
1
0
F4
F3
F2
F1
F0
F31
F4
F3
F2
F1
F0
R1:1
R2:2 R3:35 R4:36
t0
t0+dt
t0+31dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com