Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2495 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 5Page - STMicroelectronics AN2495 Datasheet HTML 6Page - STMicroelectronics AN2495 Datasheet HTML 7Page - STMicroelectronics AN2495 Datasheet HTML 8Page - STMicroelectronics AN2495 Datasheet HTML 9Page - STMicroelectronics AN2495 Datasheet HTML 10Page - STMicroelectronics AN2495 Datasheet HTML 11Page - STMicroelectronics AN2495 Datasheet HTML 12Page - STMicroelectronics AN2495 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AN2495
Flyback stage design
Doc ID 13127 Rev 5
9/36
Figure 4.
Dynamic magnetization curves
Concerning the gap, from the EPCOS datasheet, we can use the following approximate
equation:
Equation 12
K1 = 153, K2 = -0.713, while AL has to be calculated.
Knowing that Lp = 1.56mH and Np = 120,
Equation 13
Hence:
l
g
gaplenght
A
L
K
1
------
⎝⎠
⎛⎞
1
K
2
------
=
=
A
L
L
P
N
2
P
----------
1.56m
120
2
-----------------
108nH
=
=
=
l
g
gaplenght
108
153
----------
⎝⎠
⎛⎞
1
0.713
–
------------------
1.63mm
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com