Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2495 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 18Page - STMicroelectronics AN2495 Datasheet HTML 19Page - STMicroelectronics AN2495 Datasheet HTML 20Page - STMicroelectronics AN2495 Datasheet HTML 21Page - STMicroelectronics AN2495 Datasheet HTML 22Page - STMicroelectronics AN2495 Datasheet HTML 23Page - STMicroelectronics AN2495 Datasheet HTML 24Page - STMicroelectronics AN2495 Datasheet HTML 25Page - STMicroelectronics AN2495 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Efficiency, waveforms and experimental results
AN2495
22/36
Doc ID 13127 Rev 5
8
Efficiency, waveforms and experimental results
Overall efficiency variation versus output power is illustrated in Figure 9 for two different
values of input voltage.
Figure 9.
Overall efficiency versus output power for two different values of input
voltage
It is worth noting that with low input voltage (red curve), total efficiency is over 80%, and at
medium and high load working conditions, reaching almost 85%. Efficiency decreases with
input voltage. However, it is above 75% at loads higher than 30% even with maximum input
voltage.
Theoretical assumptions made so far have been validated with the use of a demonstration
board. A complete description of this board has been carried out and the most meaningful
waveforms in any working condition are shown in Figure 10 through Figure 15.
Figure 10, Figure 11 and Figure 12 show the prototype steady state behavior, by indicating
the gate voltage (blue waveform), the base current (violet waveform) and the collector
voltage (sky blue waveform) at maximum load for different input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com