Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2495 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 28Page - STMicroelectronics AN2495 Datasheet HTML 29Page - STMicroelectronics AN2495 Datasheet HTML 30Page - STMicroelectronics AN2495 Datasheet HTML 31Page - STMicroelectronics AN2495 Datasheet HTML 32Page - STMicroelectronics AN2495 Datasheet HTML 33Page - STMicroelectronics AN2495 Datasheet HTML 34Page - STMicroelectronics AN2495 Datasheet HTML 35Page - STMicroelectronics AN2495 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Board modifications
AN2495
32/36
Doc ID 13127 Rev 5
Table 4.
Bill of material
Refe-
rence
Value / generic
part number
Package / class
Manufacturer
C1, C2
220
μF/450 V
Electrolytic capacitor, 450 V, snap-in, 25*45
EPCOS
B43504-A5227-M
C3, C4
1000
μF/35 V
Electrolytic capacitor, 35 V, 105°C, 12.5*25, low
ESR
C5
47
μF/35 V
Electrolytic capacitor, 35 V, 105 °C, 5*11
C6
100 nF
SMD ceramic capacitor CERCAP X7R/50V - 1206
C12
1 nF
SMD ceramic capacitor CERCAP X7R/50V - 0805
C9
470 pF
SMD ceramic capacitor CERCAP NPO/50V - 0805
C10
10 pF
SMD ceramic capacitor CERCAP NPO/50V - 0805
C11
2.2 nF
SMD ceramic capacitor CERCAP X7R/50V - 0805
C13
10 nF
SMD ceramic capacitor CERCAP X7R/50V - 0805
C7
6.8 nF;
1600 VDC
B32653A1682000; polypropylene film pulse
capacitor, 1600 VDC, 7.5*16*26.5; 22.5
EPCOS
B32653A1682K
C8
150 nF
SMD ceramic capacitor CERCAP X7R/50V - 1206
D11
LL4148
SMD universal diode
D9
BZV55C3.0V
Zener diode SMD - SOD80, 3.0 V
D7, D8,
D10
STTH108A
SMD diode, high voltage ultrafast, 800 V, 1 A, SMA
STMicroelectronics
D6
STPS1150A
SMD diode, power Schottky, 150 V, 1 A, SMA
ST
D5
STPS20120D
SMD diode, power Schottky, 120 V, 20 A, TO-
220AB
ST
D1, D2,
D3, D4
1N4007
HV diode, 1000 V, 1A, DO-41
F1
T1A
Fuseholder vertical montage, SI-HA#122100
SCHURTER
F1
Fuse 1 A slow, 250 VAC
het1,
het2
8437/38/STB
Heatsink, 8437/38/STB pin 2.2 mm,
Rthjc = 11.5 °C/W
J1
ARK700I/2
Connector ARK700I/2, RM = 5.08 mm
J3
ARK500/2
Connector ARK500/2, RM = 5 mm
KDI6M3X08
Distance column M3, 8 mm
clip 00002952
Clip for heatsink 8437
Q1
STC04IE170HP 4 A, 1700 V ESBT switch, TO-247 4 leads, isolated ST
R2, R3
200 k
Ω
Resistor, size 0204, metal film, 250 V, 0.4 W, 1%
R12
10
Ω
SMD standard film resistor - 1206 - 1%
R6, R7
39 k
Ω
Resistor, size 0414, metal film, 500 V, 2 W, 5%
R9,
R10
1.1 M
Ω
SMD standard film resistor - 1206 - 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com